PART |
Description |
Maker |
1885180000 1885250000 1885590000 1884680000 188899 |
CONN TERM BLOCK 2POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 9POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 19POS 3.81MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 12POS 5.0MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1640160000 |
CONN PLUG TERM BLOCK 2POS 3.50MM 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
B3F B3M B3S B3KN3 B4TU20 B4TU11 B4TU01 B3SARO BS3D |
LAMP HOLDER MOUNTING COLLAR 22.5MM SWITCH HEAD 22.5MM SELECTOR 3WAY CONTACT BLOCK 2N/O CONTACT BLOCK 1N/C SWITCH HEAD 22.5MM KEY 2WAY Glass Passivated Rectifier Diodes PILOT LIGHT HEAD 22.5MM BLUE SWITCH HEAD 22.5MM ILLUMIN. BLUE SWITCH HEAD 22.5MM FLUSH BLUE SWITCH HEAD 22.5MM ILLUMIN. WHITE SWITCH HEAD 22.5MM KEY 3WAY SWITCH HEAD 22.5MM FLUSH BLACK 开关头22.5毫米镶入 SWITCH HEAD 22.5MM ILLUMIN. RED 开关头22.5毫米ILLUMIN。红 SWITCH HEAD 22.5MM ILLUMIN. YELLOW 开关头22.5毫米ILLUMIN。黄 CONTACT BLOCK 1N/O 1N/C 接点1N的输输出1N
|
Square D by Schneider Electric Microchip Technology, Inc.
|
1-796690-0 2-796690-0 1-796690-1 C-796690 |
TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRYK, STACKING W/INTERLOCK, 5mm PITCH
|
Tyco Electronics
|
1-796414-0 2-796414-0 1-796414-8 1-796414-9 1-7964 |
TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, W/INTERLOCK, 3.5mm PITCH
|
Tyco Electronics
|
2-1437392-5 |
NEMA BLOCK, SIZE 130 END SECTION. MIN TERM BLOCK
|
Tyco Electronics
|
IPT1-125-01-S-D-RA IPT1-110-01-S-D-RA |
CONN PLUG .100 50POS DL PCB R/A 50 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN PLUG .100 20POS DL PCB R/A
|
Samtec, Inc. SAMTEC INC
|
1-1776244-0 2-1776244-0 2-1776244-1 2-1776244-2 1- |
TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/ 3.5mm PINS W/INTERLOCK 5.00mm PITCH, HIGH TEMP
|
Tyco Electronics
|
S29GL032M10BACR00 S29GL032M10BACR12 S29GL032M10BAC |
CAP 15PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR TERM BLOCK 3.5MM HOR 6POS PCB Ceramic Capacitor Sample Kit, High CV MirrorBit闪存系列 MirrorBit Flash Family MirrorBit闪存系列 FLEX CONNECTOR, 10 POSN., SMT, VERTICAL, W/EXT.SLIDER, ZIF, T&R RoHS Compliant: Yes MirrorBit闪存系列 Tantalum Capacitor; Capacitance:470uF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:6V; Package/Case:7343-43; Terminal Type:PCB SMT; ESR:0.001ohm; Leaded Process Compatible:No; Packaging:Cut Tape MirrorBit闪存系列 Replaced by PTB48520W : MirrorBit闪存系列 MirrorBit Flash Family 2M X 16 FLASH 3V PROM, 100 ns, PBGA64 MirrorBit Flash Family 2M X 16 FLASH 3V PROM, 100 ns, PBGA48 CAP D POLYMER TANT 330UF 4V 20%
|
ETC Spansion Inc. Spansion, Inc.
|
5-6123466-0 |
.4mm, .5mm, .6mm, .8mm, Fine Pitch, Surface Mount, Stacking Bd-to-Bd Connectors; ON TAPING (EMBOSS) 0.5MM FS CONN. REC. A ( Tyco Electronics )
|
Tyco Electronics
|
|